Part Number Hot Search : 
R2516 UM930105 LM7905CT 3EEBP M301107 KSR2108 RT9245PC TW0260A
Product Description
Full Text Search
 

To Download L2SK3018WT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. s-l2sk3018wt1g sc-70 n - channel device marking shipping ordering information l2sk3018wt1g kn 3000 tape & reel m kn kn = device code m = month code marking diagram & pin assignment 3 2 1  
  l2sk3018wt3g kn 1 0000 tape & reel maximum ratings ? we declare that the material of product compliance with rohs requirements. silicon n-channel mosfet 100 ma, 30 v f eatu r es 1) low on-resist ance. 2) f a st sw itching speed. 3 ) l o w v o ltag e dr ive ( 2 .5v ) m a ke s t h is d e v i ce i dea l f o r portable equipment. 4) easily designed drive circuit s . 5) easy to p a rallel. ? parameter drain-source voltage gate-source voltage drain current total power dissipation (tc=25 c) channel temperature storage temperature v dss v gss p d ? 2 tch 30 v v ma mw c 20 100 i d i dp ? 1 continuous pulsed ma 400 200 150 tstg c ? 55 to + 150 symbol limits unit ? 1 pw 10 s, duty cycle 1% ? 2 with each pin mounted on the recommended lands. drain source gate ? gate protection diode ? a protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. use a protection circuit when the fixed voltages are exceeded. 1 3 2 rev .a 1/5 ? esd>500v l2sk3018wt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sk3018wt1g s-l2sk3018wt3g
leshan radio company, ltd. l2sk3018wt1g , s-l2sk3018wt1g electrical characteristics (t a = 25 c unless otherwise noted) parameter symbol i gss v (br)dss i dss v gs(th) r ds(on) r ds(on) c iss |y fs | c oss c rss min. ? 30 ? 0.8 ? ? 20 ? ? ? ? ? ? 5 13 ? 9 4 1 ? 1 1.5 8 ? 71 3 ? ? ? ? av gs = 20v, v ds = 0v i d = 10 a, v gs = 0v v ds = 30v, v gs = 0v v ds = 3v, i d = 100 a i d = 10ma, v gs = 4v i d = 1ma, v gs = 2.5v v ds = 5v v ds = 3v, i d = 10ma v gs = 0v f = 1mhz v a v ? ? pf ms pf pf t d(on) ? 15 ? i d = 10ma, v dd 5v ns t r ? 35 ? v gs = 5v ns t d(off) ? 80 ? r l = 500 ? ns t r ? 80 ? r g = 10 ? ns typ. max. unit conditions gate-source leakage drain-source breakdown voltage zero gate voltage drain curren t gate threshold voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time static drain-source on-state resistance rev .a 2/5
leshan radio company, ltd. typical electrical characteristics 0 1 23 45 0 0.05 0.1 0.15 drain current : i d (a) drain-source voltage : v ds (v) 3v 3.5v 2.5v v gs =1.5v 4v 2v ta=25 c pulsed fig.1 typical output characteristics 04 0.1m 100m drain current : i d (a) gate-source voltage : v gs (v) 1 10m 3 2 1m 0.2m 0.5m 2m 5m 50m 20m 200m ta=125 c 75 c 25 c ? 25 c v ds =3v pulsed fig.2 typical transfer characteristics ? 50 0 0 1 1.5 2 gate threshold voltage : v gs (th) (v) channel temperature : tch ( c ) 0.5 ? 25 25 50 75 100 125 150 fig.3 gate threshold voltage vs. channel temperature v ds =3v i d =0.1ma pulsed 0.001 1 2 50 static drain-source on-state resistance : r ds (on) ( ? ) drain current : i d (a) 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 ta=125 c 75 c 25 c ? 25 c v gs =4v pulsed fig.4 static drain-source on-state resistance vs. drain current ( ) 0.001 1 2 50 static drain-source on-state resistance : r ds (on) ( ? ) drain current : i d (a) 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 ta=125 c 75 c 25 c ? 25 c v gs =2.5v pulsed fig.5 static drain-source on-state resistance vs. drain current ( ? ) 0 5 10 15 20 0 5 10 15 gate-source voltage : v gs (v) i d =0.1a static drain-source on-state resistance : r ds (on) ( ? ) ta=25 c pulsed i d =0.05a fig.6 static drain-source on-state resistance vs. gate-source voltage ? 50 0 2 5 150 0 3 6 9 channel temperature : tch ( c) static drain-source on-state resistance : r ds (on) ( ? ) ? 25 50 75 100 125 2 1 4 5 7 8 fig.7 static drain-source on-state resistance vs. channel temperature v gs =4v pulsed i d =100ma i d =50ma 0.0001 0.001 0.01 0.02 0.5 forward transfer admittance : |yfs| (s) drain current : i d (a) 0.005 0.0002 0.0005 0.001 0.002 0.005 0.01 0.02 0.05 0.05 0.1 0.2 0.1 0.2 0.5 0.002 ta= ? 25 c 25 c 75 c 125 c v ds =3v pulsed fig.8 forward transfer admittance vs. drain current 200m reverse drain current : i dr (a) source-drain voltage : v sd (v) 1.5 1 0.5 0 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m v gs =0v pulsed ta=125 c 75 c 25 c ? 25 c fig.9 reverse drain current vs. source-drain voltage ( ) rev .a 3/5 l2sk3018wt1g , s-l2sk3018wt1g
leshan radio company, ltd. 200m reverse drain current : i dr (a) source-drain voltage : v sd (v) 1.5 1 0.5 0 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m ta=25 c pulsed v gs =4v 0v fig.10 reverse drain current vs. source-drain voltage ( ? ) 0.1 1 2 50 capacitance : c (pf) drain-source voltage : v ds (v) 0.5 0.2 0.5 1 2 5 1 0 2 0 5 0 5 10 20 fig.11 typical capacitance vs. drain-source voltage c iss c oss c rss ta =25 c f=1mh z v gs =0v 0.1 10 20 500 switching time : t (ns) drain current : i d (ma) 5 0.2 0.5 1 2 5 1 0 2 0 5 0 50 100 200 1000 2 100 fig.12 switching characteristics (see figures 13 and 14 for the measurement circuit and resultant waveforms) ta =25 c v dd =5v v gs =5v r g =10 ? pulsed t d(off) t r t d(on) t f z sw itch in g ch aracteristics measu remen t circu i t fig.13 switching time measurement circuit v gs r g v ds d.u.t. i d r l v dd 90% 50% 10% 90% 10% 50% pulse width 10% v gs v ds 90% t f t off t d(off) t r t on t d(on) fig.14 switching time waveforms rev .a 4/5 l2sk3018wt1g , s-l2sk3018wt1g
leshan radio company, ltd. sc?70 a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev .a 5/5 l2sk3018wt1g , s-l2sk3018wt1g


▲Up To Search▲   

 
Price & Availability of L2SK3018WT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X